PART |
Description |
Maker |
AD0802 AD0803 AD0804 |
(AD0802 - AD0804) 8-Bit Microprocessor-Compatible
|
Intersil
|
AD7536 AD7536AD AD7536AQ AD7536BD AD7536BQ AD7536J |
14-Bit, Multiplying Iout, 8-bit bus Low-Power, Serial 12-Bit Sampling Analog-To-Digital Converter 16-SOIC -40 to 85 LC2MOS 14-BIT uP-COMPATIBLE DAC PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 14-BIT DAC, PQCC28
|
AD[Analog Devices] Analog Devices, Inc.
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
W25X40AL W25X40ALDAIZ W25X40ALSNIZ W25X40ALZPIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AD7520JN AD7531 AD7531KN AD7530 AD7521 AD7521KN AD |
320 x 240 pixel format, LED or CFL Backlight 10位,12位,乘法D / A转换 10-Bit, 12-Bit, Multiplying D/A Converters PARALLEL, WORD INPUT LOADING, 1 us SETTLING TIME, 12-BIT DAC, PDIP18 Replaced by ADS8505 : 16-Bit 10us Sampling CMOS Analog-to-Digital Converter 28-SOIC 10-Bit/ 12-Bit/ Multiplying D/A Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
M6MGT331S8AKT M6MGB331S8AKT |
33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
|
Renesas Electronics Corporation
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|
MR533252J-XXTP MR533252J MR533252J-XXMA |
2,097,152-Word X 16-Bit or 4,194,304-Word X 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
|
OKI[OKI electronic componets]
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|